전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 17 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 17 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 13Page - ABB 2CMA167166R1000 Datasheet HTML 14Page - ABB 2CMA167166R1000 Datasheet HTML 15Page - ABB 2CMA167166R1000 Datasheet HTML 16Page - ABB 2CMA167166R1000 Datasheet HTML 17Page - ABB 2CMA167166R1000 Datasheet HTML 18Page - ABB 2CMA167166R1000 Datasheet HTML 19Page - ABB 2CMA167166R1000 Datasheet HTML 20Page - ABB 2CMA167166R1000 Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 17
Connectors
16 A, IP44 Splashproof
Plastic enclosure (PA)
Cable entry with compression gland. Cable area 1-2.5 mm2
32 A, IP44 Splashproof
Plastic enclosure (PA)
Cable entry with compression gland. Cable area 2.5-6 mm2
63 A, IP44 Splashproof
Plastic enclosure (PBT)
Cable entry with membrane. Cable area 4-16 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
263C4
2CMA166838R1000
1
0.80
3
n Blue
200-250
50 and 60
263C6
2CMA166840R1000
1
0.80
3P+E
4
n Black
600-690
50 and 60
363C5
2CMA166848R1000
1
0.83
4
n Red
380-415
50 and 60
363C6 *
2CMA166850R1000
1
0.83
4
n Black
480-500
50 and 60
363C7 *
2CMA166852R1000
1
0.83
4
n Blue
200-250
50 and 60
363C9
2CMA166854R1000
1
0.83
3P+N+E
5
n Red
346-415
50 and 60
463C6 *
2CMA166862R1000
1
0.88
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
216-C4 *
2CMA193520R1000
10
0.16
3
n Blue
200-250
50 and 60
216-C6 *
2CMA193521R1000
10
0.16
3P+E
4
n
Yellow
100-130
50 and 60
316-C4 *
2CMA193522R1000
10
0.21
4
n Red
380-415
50 and 60
316-C6 *
2CMA193523R1000
10
0.21
4
n Black
480-500
50 and 60
316-C7 *
2CMA193524R1000
10
0.21
4
n Blue
200-250
50 and 60
316-C9 *
2CMA193525R1000
10
0.21
3P+N+E
5
n Red
346-415
50 and 60
416-C6 *
2CMA193526R1000
10
0.23
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
qty
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232-C4
2CMA193527R1000
10
0.26
3
n Blue
200-250
50 and 60
232-C6 *
2CMA193528R1000
10
0.26
3P+E
4
n Red
380/440
50/60
332-C3
2CMA193538R1000
10
0.27
4
n Black
600-690
50 and 60
332-C5
2CMA193533R1000
10
0.27
4
n Red
380-415
50 and 60
332-C6 *
2CMA193529R1000
10
0.27
4
n Black
480-500
50 and 60
332-C7 *
2CMA193534R1000
10
0.27
4
n Blue
200-250
50 and 60
332-C9 *
2CMA193530R1000
10
0.27
3P+N+E
5
n Red
346-415
50 and 60
432-C6 *
2CMA193531R1000
10
0.30
5
n Black
480-500
50 and 60
432-C7
2CMA193532R1000
10
0.30
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 84
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com