전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 5 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 5 Page - ABB

  2CMA167166R1000 Datasheet HTML 1Page - ABB 2CMA167166R1000 Datasheet HTML 2Page - ABB 2CMA167166R1000 Datasheet HTML 3Page - ABB 2CMA167166R1000 Datasheet HTML 4Page - ABB 2CMA167166R1000 Datasheet HTML 5Page - ABB 2CMA167166R1000 Datasheet HTML 6Page - ABB 2CMA167166R1000 Datasheet HTML 7Page - ABB 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 5
3P + N + E
3P + E
2P + E
Industrial plugs and sockets
IEC 60 309-2 ”clock”
Standard voltages
Color codes according to IEC60309-1, -2
Position of earthing sleeve according
to IEC 60309-2 (clock)
2P+earth
3P+earth
3P+N+earth
1 All operating voltages and/or currents
not stated below
n Optional voltage
(not stated below)
n Optional voltage
(not stated below)
n Optional voltage
(not stated below)
2 Aeronautics/airports, military
n >50 V >300-500 Hz 16 A, 32 A
n >50 V >300-500 Hz 16 A,
32 A
n >50 V >300-500 Hz 16 A, 32 A
3 3-phase only for cooling containers
(standardized by ISO)
n 50-250 V DC
n 380 V 50 Hz, 440 V 60 Hz
16 A, 32 A
n 220/380 V 50 Hz, 250/440 V 60 Hz
16 A, 32 A
4 For example in U.K.
n 100-130 V 50/60 Hz
n 100-130 V 50/60 Hz
n 57/100-75/130 V
50/60 Hz
5 Wind power
n 277 V 60 Hz
n 600-690 V 50/60 Hz
n 647/600-400/690 V
50/60 Hz
6 Most common voltages in
Western Europe
n 200-250 V 50/60 Hz
n 380-415 V 50/60 Hz
n 200/346-240/415 V
50/60 Hz
7 Paper mills, steel plants, ship building
industry
n 480-500 V 50/60 Hz
n 480-500 V 50/60 Hz
n 480-500 V 50/60 Hz
8
n >250 V DC
n 1000 V *)
n Not used
9
n 380-415 V 50/60 Hz
n 200-250 V 50/60 Hz
n
10
n Not used
n >50 V >100-300 Hz
n Not used
11 Mainly for marine installations
n Not used
n 440-460 V 60 Hz
n 250/440 265/460
12 Supply from isolating transformer
n Supply from isolating transformer
n Not used
*) 1000 V for 63-125 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com