전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 97 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 97 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 92Page - ABB 2CMA167166R1000 Datasheet HTML 93Page - ABB 2CMA167166R1000 Datasheet HTML 94Page - ABB 2CMA167166R1000 Datasheet HTML 95Page - ABB 2CMA167166R1000 Datasheet HTML 96Page - ABB 2CMA167166R1000 Datasheet HTML 97Page - ABB 2CMA167166R1000 Datasheet HTML 98Page - ABB 2CMA167166R1000 Datasheet HTML 99Page - ABB 2CMA167166R1000 Datasheet HTML 100Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 97
PA
PA+glass
PC
PBT
Impact strength
+
++
++
Tracking index (CTI)
600
500
300
225
UV-stability
+
+
Chemicals
Acids
-
+
+
Bases
+
-
+
Salts
+
+
+
Oil/grease, mineral
-
+
+
+
Oil/mineral, synthetic
+
-
+
+
Temperature (°C)
Max 60 min
170
170
140
140
Continous
100
100
110
110
Flame class
V2
V0
V2
V0 (>0.8 mm)
5VA (>2.5 mm)
Material specifications
Polycarbonate
PC
Polyamide
PA
Polyamide, glass fiber reinforced
PA+glass
Thermoplastic polyester
PBT
Easy & Safe
IP44, 16-32 A Housing: PA
Terminal carrier: PA
Tough & Safe
IP67, 16-32 A
Housing: PBT, Terminal carrier: PA
IP67, 63-125 A + IP44, 63 A
Housing: PBT, Terminal carrier: PA+glass
Critical & Safe
IP44 + IP67
Housing: PBT
Terminal carrier: PA, PA+glass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com