전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 6 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 6 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 2Page - ABB 2CMA167166R1000 Datasheet HTML 3Page - ABB 2CMA167166R1000 Datasheet HTML 4Page - ABB 2CMA167166R1000 Datasheet HTML 5Page - ABB 2CMA167166R1000 Datasheet HTML 6Page - ABB 2CMA167166R1000 Datasheet HTML 7Page - ABB 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB 2CMA167166R1000 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6 Industrial plugs and sockets | 2CMC700014C0008
Critical & Safe is the range for applications with high
demands on safety, durability and performance. Perfect for
applications with frequent connection/disconnection, and to
use in public areas.
The housing is made of PBT or aluminum. PBT is a tough
plastic material that withstands heavy-duty usage and most
chemicals found in industrial environments. The aluminum
housing is a mix of aluminium and silicon called silumin,
which gives an excellent protection against corrosion while
being robust and tough against impact and sunlight.
Mechanically interlocked to prevent
making and breaking under load
Type: 4125MVS6WH
Space for wiring and easy
access for cables
Material that withstands heavy-duty
usage and most chemicals found in
industrial environments
Clear terminal marking, inside
and outside the box
Ground
Neutral N
Phase L1, L2, L3
Cover and mounting screws
made of stainless steel
Robust hinge mechanism pivots >120°
for easy access during installation and
maintenance
Pre-wired IEC receptacle accepts all
manufacturer’s IEC 60 309-2 plugs
Brass threaded inserts
Padlockable handle
Features
• IP67 Watertight or IP44 Splashproof
• 16-125 A, 50-690 VAC
• IEC 60 309-2, -4
• All external screws are made of stainless steel
Application examples
• Heavy/chemical industry
• Sawmills
• Airports
• Hospitals
Product overview
Critical & Safe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com