전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 48 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 48 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 44Page - ABB 2CMA167166R1000 Datasheet HTML 45Page - ABB 2CMA167166R1000 Datasheet HTML 46Page - ABB 2CMA167166R1000 Datasheet HTML 47Page - ABB 2CMA167166R1000 Datasheet HTML 48Page - ABB 2CMA167166R1000 Datasheet HTML 49Page - ABB 2CMA167166R1000 Datasheet HTML 50Page - ABB 2CMA167166R1000 Datasheet HTML 51Page - ABB 2CMA167166R1000 Datasheet HTML 52Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
48 Industrial plugs and sockets | 2CMC700014C0008
Surface inlets
16 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry Ø 25 mm. Cable area 1.5-4 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216BS1W
2CMA167050R1000
1
0.36
3
n Grey
>50-250
DC
216BS3W
2CMA167040R1000
1
0.36
3
n
Yellow
100-130
50 and 60
216BS4W
2CMA167042R1000
1
0.36
3
n Blue
200-250
50 and 60
216BS6W
2CMA167044R1000
1
0.36
3
n Red
380-415
50 and 60
216BS9W
2CMA167046R1000
1
0.36
3
n Grey
transf
50 and 60
216BS12W
2CMA167048R1000
1
0.36
3P+E
4
n Grey
AC
316BS1W
2CMA167070R1000
1
0.41
4
n Green
>50
>300-500
316BS2W
2CMA167052R1000
1
0.41
4
n Red
380/440
50/60
316BS3W
2CMA167054R1000
1
0.41
4
n Yellow
100-130
50 and 60
316BS4W
2CMA167056R1000
1
0.41
4
n Black
600-690
50 and 60
316BS5W
2CMA167058R1000
1
0.41
4
n Red
380-415
50 and 60
316BS6W *
2CMA167060R1000
1
0.41
4
n Black
480-500
50 and 60
316BS7W
2CMA167062R1000
1
0.41
4
n Blue
200-250
50 and 60
316BS9W *
2CMA167064R1000
1
0.41
4
n Green
>50
100-300
316BS10W
2CMA167066R1000
1
0.41
4
n Red
440-460
60
316BS11W
2CMA167068R1000
1
0.41
3P+N+E
5
n Grey
AC
416BS1W
2CMA167086R1000
1
0.43
5
n Green
>50
>300-500
416BS2W
2CMA167072R1000
1
0.43
5
n Red
380/440
50/60
416BS3W
2CMA167074R1000
1
0.43
5
n Yellow
100-130
50 and 60
416BS4W
2CMA167076R1000
1
0.43
5
n Red
346-415
50 and 60
416BS6W *
2CMA167078R1000
1
0.43
5
n Black
480-500
50 and 60
416BS7W
2CMA167080R1000
1
0.43
5
n Blue
208-250
50 and 60
416BS9W
2CMA167082R1000
1
0.43
5
n Red
440-460
60
416BS11W
2CMA167084R1000
1
0.43
*) Indicates standard product.
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com