전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 56 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 56 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 52Page - ABB 2CMA167166R1000 Datasheet HTML 53Page - ABB 2CMA167166R1000 Datasheet HTML 54Page - ABB 2CMA167166R1000 Datasheet HTML 55Page - ABB 2CMA167166R1000 Datasheet HTML 56Page - ABB 2CMA167166R1000 Datasheet HTML 57Page - ABB 2CMA167166R1000 Datasheet HTML 58Page - ABB 2CMA167166R1000 Datasheet HTML 59Page - ABB 2CMA167166R1000 Datasheet HTML 60Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
56 Industrial plugs and sockets | 2CMC700014C0008
32 A, IP67 Watertight
Plastic enclosure (PBT). Cable area 2.5-10 mm2
16 A, IP67 Watertight
Plastic enclosure (PBT). Cable area 1.5-4 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216RAU1W
2CMA167002R1000
1
0.12
3
n Grey
>50-250
DC
216RAU3W
2CMA166992R1000
1
0.12
3
n
Yellow
100-130
50 and 60
216RAU4W *
2CMA166994R1000
1
0.12
3
n Blue
200-250
50 and 60
216RAU6W *
2CMA166996R1000
1
0.12
3
n Red
380-415
50 and 60
216RAU9W
2CMA166998R1000
1
0.12
3
n Grey
transf
50 and 60
216RAU12W
2CMA167000R1000
1
0.12
3P+E
4
n Grey
AC
316RAU1W
2CMA167022R1000
1
0.15
4
n Green
>50
>300-500
316RAU2W
2CMA167004R1000
1
0.15
4
n Red
380/440
50/60
316RAU3W
2CMA167006R1000
1
0.15
4
n Yellow
100-130
50 and 60
316RAU4W
2CMA167008R1000
1
0.15
4
n Black
600-690
50 and 60
316RAU5W
2CMA167010R1000
1
0.15
4
n Red
380-415
50 and 60
316RAU6W *
2CMA167012R1000
1
0.15
4
n Black
480-500
50 and 60
316RAU7W
2CMA167014R1000
1
0.15
4
n Blue
200-250
50 and 60
316RAU9W
2CMA167016R1000
1
0.15
4
n Green
>50
100-300
316RAU10W
2CMA167018R1000
1
0.15
4
n Red
440-460
60
316RAU11W
2CMA167020R1000
1
0.15
3P+N+E
5
n Grey
AC
416RAU1W
2CMA167038R1000
1
0.18
5
n Green
>50
>300-500
416RAU2W
2CMA167024R1000
1
0.18
5
n Red
380/440
50/60
416RAU3W
2CMA167026R1000
1
0.18
5
n Yellow
100-130
50 and 60
416RAU4W
2CMA167028R1000
1
0.18
5
n Red
346-415
50 and 60
416RAU6W *
2CMA167030R1000
1
0.18
5
n Black
480-500
50 and 60
416RAU7W
2CMA167032R1000
1
0.18
5
n Blue
208-250
50 and 60
416RAU9W
2CMA167034R1000
1
0.18
5
n Red
440-460
60
416RAU11W * 2CMA167036R1000
1
0.18
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232RAU1W
2CMA166954R1000
1
0.19
3
n
Yellow
100-130
50 and 60
232RAU4W
2CMA166946R1000
1
0.19
3
n Blue
200-250
50 and 60
232RAU6W *
2CMA166948R1000
1
0.19
3
n Red
380-415
50 and 60
232RAU9W
2CMA166950R1000
1
0.19
3
n Grey
transf
50 and 60
232RAU12W
2CMA166952R1000
1
0.19
3P+E
4
n Grey
AC
332RAU1W
2CMA166974R1000
1
0.21
4
n Green
>50
>300-500
332RAU2W
2CMA166956R1000
1
0.21
4
n Red
380/440
50/60
332RAU3W
2CMA166958R1000
1
0.21
4
n Yellow
100-130
50 and 60
332RAU4W
2CMA166960R1000
1
0.21
4
n Black
600-690
50 and 60
332RAU5W
2CMA166962R1000
1
0.21
4
n Red
380-415
50 and 60
332RAU6W *
2CMA166964R1000
1
0.21
4
n Black
480-500
50 and 60
332RAU7W
2CMA166966R1000
1
0.21
4
n Blue
200-250
50 and 60
332RAU9W
2CMA166968R1000
1
0.21
4
n Green
>50
100-300
332RAU10W
2CMA166970R1000
1
0.21
4
n Red
440-460
60
332RAU11W
2CMA166972R1000
1
0.21
3P+N+E
5
n Grey
AC
432RAU1W
2CMA166990R1000
1
0.26
5
n Green
>50
>300-500
432RAU2W
2CMA166976R1000
1
0.26
5
n Red
380/440
50/60
432RAU3W
2CMA166978R1000
1
0.26
5
n Yellow
100-130
50 and 60
432RAU4W
2CMA166980R1000
1
0.26
5
n Red
346-415
50 and 60
432RAU6W *
2CMA166982R1000
1
0.26
5
n Black
480-500
50 and 60
432RAU7W *
2CMA166984R1000
1
0.26
5
n Blue
208-250
50 and 60
432RAU9W
2CMA166986R1000
1
0.26
5
n Red
440-460
60
432RAU11W
2CMA166988R1000
1
0.26
*) Indicates standard product.
- Delivered with fl ange gasket.
Panel mounted socket outlets
Unified angled flange
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com