전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 52 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 52 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 48Page - ABB 2CMA167166R1000 Datasheet HTML 49Page - ABB 2CMA167166R1000 Datasheet HTML 50Page - ABB 2CMA167166R1000 Datasheet HTML 51Page - ABB 2CMA167166R1000 Datasheet HTML 52Page - ABB 2CMA167166R1000 Datasheet HTML 53Page - ABB 2CMA167166R1000 Datasheet HTML 54Page - ABB 2CMA167166R1000 Datasheet HTML 55Page - ABB 2CMA167166R1000 Datasheet HTML 56Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
52 Industrial plugs and sockets | 2CMC700014C0008
16 A, IP44 Splashproof
Plastic enclosure (PA). Cable area 1.5-4 mm2
32 A, IP44 Splashproof
Plastic enclosure (PA). Cable area 2.5-10 mm2
63 A, IP44 Splashproof
Plastic enclosure (PBT). Cable area 6-25 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
216RU4
2CMA193169R1000
10
0.15
3
n Blue
200-250
50 and 60
216RU6 *
2CMA193170R1000
10
0.15
3P+E
4
n Yellow
100-130
50 and 60
316RU4
2CMA193176R1000
10
0.18
4
n Black
600-690
50 and 60
316RU5
2CMA193177R1000
10
0.18
4
n Red
380-415
50 and 60
316RU6 *
2CMA193178R1000
10
0.18
4
n Black
480-500
50 and 60
316RU7
2CMA193179R1000
10
0.18
4
n Blue
200-250
50 and 60
316RU9 *
2CMA193180R1000
10
0.18
4
n Red
440-460
60
316RU11
2CMA193182R1000
10
0.18
3P+N+E
5
n Red
346-415
50 and 60
416RU6 *
2CMA193187R1000
10
0.20
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232RU4 *
2CMA193241R1000
10
0.21
3
n Blue
200-250
50 and 60
232RU6 *
2CMA193242R1000
10
0.21
3P+E
4
n Black
600-690
50 and 60
332RU5
2CMA193249R1000
10
0.22
4
n Red
380-415
50 and 60
332RU6 *
2CMA193250R1000
10
0.22
4
n Black
480-500
50 and 60
332RU7
2CMA193251R1000
10
0.22
4
n Blue
200-250
50 and 60
332RU9 *
2CMA193252R1000
10
0.22
3P+N+E
5
n Red
346-415
50 and 60
432RU6 *
2CMA193259R1000
10
0.24
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
263RU4
2CMA167508R1000
1
0.60
3
n Blue
200-250
50 and 60
263RU6
2CMA167510R1000
1
0.60
3P+E
4
n Black
600-690
50 and 60
363RU5
2CMA167518R1000
1
0.69
4
n Red
380-415
50 and 60
363RU6
2CMA167520R1000
1
0.69
4
n Black
480-500
50 and 60
363RU7
2CMA167522R1000
1
0.69
4
n Blue
200-250
50 and 60
363RU9
2CMA167524R1000
1
0.69
3P+N+E
5
n Red
346-415
50 and 60
463RU6 *
2CMA167532R1000
1
0.76
*) Indicates standard product.
Panel mounted socket outlets
Unified straight flange
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com