전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 60 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 60 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 56Page - ABB 2CMA167166R1000 Datasheet HTML 57Page - ABB 2CMA167166R1000 Datasheet HTML 58Page - ABB 2CMA167166R1000 Datasheet HTML 59Page - ABB 2CMA167166R1000 Datasheet HTML 60Page - ABB 2CMA167166R1000 Datasheet HTML 61Page - ABB 2CMA167166R1000 Datasheet HTML 62Page - ABB 2CMA167166R1000 Datasheet HTML 63Page - ABB 2CMA167166R1000 Datasheet HTML 64Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
60 Industrial plugs and sockets | 2CMC700014C0008
32 A, IP67 Watertight
Plastic enclosure (PBT). Cable area 2.5-10 mm2
16 A, IP67 Watertight
Plastic enclosure (PBT). Cable area 1.5-4 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
216BAU1W
2CMA166684R1000
1
0.14
3
n Grey
>50-250
DC
216BAU3W
2CMA166674R1000
1
0.14
3
n
Yellow
100-130
50 and 60
216BAU4W *
2CMA166676R1000
1
0.14
3
n Blue
200-250
50 and 60
216BAU6W *
2CMA166678R1000
1
0.14
3
n Red
380-415
50 and 60
216BAU9W
2CMA166680R1000
1
0.14
3
n Grey
transf
50 and 60
216BAU12W
2CMA166682R1000
1
0.14
3P+E
4
n Grey
AC
316BAU1W
2CMA166704R1000
1
0.19
4
n Green
>50
>300-500
316BAU2W
2CMA166686R1000
1
0.19
4
n Red
380/440
50/60
316BAU3W
2CMA166688R1000
1
0.19
4
n Yellow
100-130
50 and 60
316BAU4W
2CMA166690R1000
1
0.19
4
n Black
600-690
50 and 60
316BAU5W
2CMA166692R1000
1
0.19
4
n Red
380-415
50 and 60
316BAU6W
2CMA166694R1000
1
0.19
4
n Black
480-500
50 and 60
316BAU7W
2CMA166696R1000
1
0.19
4
n Blue
200-250
50 and 60
316BAU9W
2CMA166698R1000
1
0.19
4
n Green
>50
100-300
316BAU10W
2CMA166700R1000
1
0.19
4
n Red
440-460
60
316BAU11W
2CMA166702R1000
1
0.19
3P+N+E
5
n Grey
AC
416BAU1W
2CMA166720R1000
1
0.21
5
n Green
>50
>300-500
416BAU2W
2CMA166706R1000
1
0.21
5
n Red
380/440
50/60
416BAU3W
2CMA166708R1000
1
0.21
5
n Yellow
100-130
50 and 60
416BAU4W
2CMA166710R1000
1
0.21
5
n Red
346-415
50 and 60
416BAU6W *
2CMA166712R1000
1
0.21
5
n Black
480-500
50 and 60
416BAU7W
2CMA166714R1000
1
0.21
5
n Blue
208-250
50 and 60
416BAU9W
2CMA166716R1000
1
0.21
5
n Red
440-460
60
416BAU11W
2CMA166718R1000
1
0.21
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
232BAU1W
2CMA166636R1000
1
0.22
3
n
Yellow
100-130
50 and 60
232BAU4W
2CMA166628R1000
1
0.22
3
n Blue
200-250
50 and 60
232BAU6W
2CMA166630R1000
1
0.22
3
n Red
380-415
50 and 60
232BAU9W
2CMA166632R1000
1
0.22
3
n Grey
transf
50 and 60
232BAU12W
2CMA166634R1000
1
0.22
3P+E
4
n Grey
AC
332BAU1W
2CMA166656R1000
1
0.24
4
n Green
>50
>300-500
332BAU2W
2CMA166638R1000
1
0.24
4
n Red
380/440
50/60
332BAU3W
2CMA166640R1000
1
0.24
4
n Yellow
100-130
50 and 60
332BAU4W
2CMA166642R1000
1
0.24
4
n Black
600-690
50 and 60
332BAU5W
2CMA166644R1000
1
0.24
4
n Red
380-415
50 and 60
332BAU6W
2CMA166646R1000
1
0.24
4
n Black
480-500
50 and 60
332BAU7W
2CMA166648R1000
1
0.24
4
n Blue
200-250
50 and 60
332BAU9W
2CMA166650R1000
1
0.24
4
n Green
>50
100-300
332BAU10W
2CMA166652R1000
1
0.24
4
n Red
440-460
60
332BAU11W
2CMA166654R1000
1
0.24
3P+N+E
5
n Grey
AC
432BAU1W
2CMA166672R1000
1
0.26
5
n Green
>50
>300-500
432BAU2W
2CMA166658R1000
1
0.26
5
n Red
380/440
50/60
432BAU3W
2CMA166660R1000
1
0.26
5
n Yellow
100-130
50 and 60
432BAU4W
2CMA166662R1000
1
0.26
5
n Red
346-415
50 and 60
432BAU6W
2CMA166664R1000
1
0.26
5
n Black
480-500
50 and 60
432BAU7W
2CMA166666R1000
1
0.26
5
n Blue
208-250
50 and 60
432BAU9W
2CMA166668R1000
1
0.26
5
n Red
440-460
60
432BAU11W
2CMA166670R1000
1
0.26
*) Indicates standard product.
- Delivered with flange gasket.
Panel mounted socket inlets
Angled flange
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com