전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 4 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 4 Page - ABB

  2CMA167166R1000 Datasheet HTML 1Page - ABB 2CMA167166R1000 Datasheet HTML 2Page - ABB 2CMA167166R1000 Datasheet HTML 3Page - ABB 2CMA167166R1000 Datasheet HTML 4Page - ABB 2CMA167166R1000 Datasheet HTML 5Page - ABB 2CMA167166R1000 Datasheet HTML 6Page - ABB 2CMA167166R1000 Datasheet HTML 7Page - ABB 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
4 Industrial plugs and sockets | 2CMC700014C0008
Perfect for the job
Different applications and environments require different products.
To make your choice of products easier, we have categorized our
range into three groups. All groups have however one feature in
common - Safety!
The structure of our main catalog is based on these three groups.
Look for the three different symbols to make your choice.
ABB´s industrial plugs and sockets – a complete offer
• Approved according to IEC 60 309-1, -2, -4
• Range from 16 A up to 125 A.
• IP44 (splashproof) and IP67 (watertight).
• All contacts are self cleaning and calibrated, to maintain the
accurate contact pressure, quality and performance over time.
• Plugs and sockets for 63 A and 125 A have pins and sleeves
carriers in glass fiber reinforced polyamide.
• For devices in the Critical & Safe and Tough & Safe range,
all external screws are made of stainless steel.
• Clear terminal markings inside and at the front of the devices.
• Switched interlocked socket-outlets for vertical or
horizontal mounting.
Pilot contact
All male and female plugs and sockets with a rated current of 63 A
and all males and interlocked socket outlets with a rated current
of 125 A are equipped with a pilot contact. Connectors and panel
mounted socket outlets with a rated current of 125 A and with ”LP”
at the end of the type designation, e.g. 4125C6W LP, are equipped
with pilot contacts. In all products with pilot contacts according
to IEC 60 309-1 and -2, the pilot pin and sleeve are shorter than
the other connecting pins and sleeves. This means that the ”pilot
circuit” breaks before and connects after the main circuit giving
optimum safety. The maximum connection area is 4 mm2.
Industrial plugs and sockets
A perfect choice
• Select Critical & Safe products for the highest safety
in fixed installations.
• Select Tough & Safe products for best performance
in demanding and heavy-duty applications.
• Select Easy & Safe products for adequate functionality
and ergonomic design.
ABB´s industrial plugs and sockets are a part of the
comprehensive ABB program of high quality low voltages
products for industries, buildings and OEM´s.
ABB has manufactured industrial plugs and sockets for over 60
years in the factory located in Nyköping, Sweden.
Long experience of developing and manufacturing plugs and
sockets within ABB has resulted in a wide product range of high
quality and a robust ergonomic design. Covering products up to
125 A and 690 V, all tested and approved for IEC standards.
The design and material used have continuously been improved to
meet the customer’s requirements, and to take the environmental
aspects into consideration.
ABB´s industrial plugs and sockets have the solution for products
in industrial environments with high demands on safety, durability,
reliability and cost saving for the end user.
• Safety
- tested and approved by third party
testing laboratories.
• Durability
- materials used give a high durability in tough
conditions and environments.
• Reliability
- high quality contacts ensure reliability.
• Cost saving - designed for quick and easy installation.
You will find all you need in ABB´s industrial plugs and sockets
product range. One supplier for all your needs and worldwide
availability.
Perfect performance
ABB´s plugs and sockets comply with the high quality standards
requested when there is a demand for reliability and safety. Some
are made of heavy-duty plastics (PBT), others of metal. Some
have advanced features while others have a straight forward func-
tionality. Perfect for demanding customers.
Perfect productivity
The reliability of our plugs and sockets will help you maintain high
up-time in operations. No unscheduled or unwanted interruptions,
allowing you a high degree of flexibility.
Perfect safety
Safety is also very important. By choosing ABB´s plugs and
sockets you minimize the risk of short circuits. You also ensure
maximum personal safety for anyone nearby or around your
equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com