전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 73 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 73 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 69Page - ABB 2CMA167166R1000 Datasheet HTML 70Page - ABB 2CMA167166R1000 Datasheet HTML 71Page - ABB 2CMA167166R1000 Datasheet HTML 72Page - ABB 2CMA167166R1000 Datasheet HTML 73Page - ABB 2CMA167166R1000 Datasheet HTML 74Page - ABB 2CMA167166R1000 Datasheet HTML 75Page - ABB 2CMA167166R1000 Datasheet HTML 76Page - ABB 2CMA167166R1000 Datasheet HTML 77Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 73
For connection of emergency power generators. Metal enclosure. Ingress protection rat-
ing IP 43. Inlet according to IEC 60 309-2, 3P+N+E, 6h, 400 V. Transfer switch according
to IEC 60 947-3. Pilot indicator for returning power network voltage. Bottom flange size
FL 13 (DRI 432-6 and DRI 463-6) or FL 21 (DRI 4125-6).
32 A, IP 43
Cable area Cu 25 mm2, Al 35 mm2.
Terminals/
poles
Color
code
Voltage
V
Type
Order code
Dimensions
(mm)
W
H
D
Pack
qty
Weight
kg/ea
3P+N+E
5
 Red
400
DRI 432-6 * 2CMA154098R1000 330
330
163
1
9.7
63 A, IP 43
Cable area Cu 25 mm2, Al 35 mm2.
Terminals/
poles
Color
code
Voltage
V
Type
Order code
Dimensions
(mm)
W
H
D
Pack
qty
Weight
kg/ea
3P+N+E
5
 Red
400
DRI 463-6 * 2CMA154099R1000 330
330
163
1
9.8
125 A, IP 43
Cable area Cu 50 mm2, Al 70 mm2.
Terminals/
poles
Color
code
Voltage
V
Type
Order code
Dimensions
(mm)
W
H
D
Pack
qty
Weight
kg/ea
3P+N+E
5
 Red
400
DRI 4125-6 * 2CMA154029R1000 330
495
293
1
13.0
*) Indicates standard product.
G
~
Power Network
Distribution
Additional products and accessories
Emergency power inlet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com