전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 75 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 75 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 71Page - ABB 2CMA167166R1000 Datasheet HTML 72Page - ABB 2CMA167166R1000 Datasheet HTML 73Page - ABB 2CMA167166R1000 Datasheet HTML 74Page - ABB 2CMA167166R1000 Datasheet HTML 75Page - ABB 2CMA167166R1000 Datasheet HTML 76Page - ABB 2CMA167166R1000 Datasheet HTML 77Page - ABB 2CMA167166R1000 Datasheet HTML 78Page - ABB 2CMA167166R1000 Datasheet HTML 79Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 75
Plugblocker
Lockout/tagout for plugs and inlets. Can be used for any IEC 60309-1 and 60309-2 plug
or inlet, both IP44 and IP67 products.
To fit
Type
Order code
Pack
qty
Plugs 16-125 A
Panel mounted inlets 16-125 A
Surface mounted inlets 16-125 A
CLF16-125 *
2CMA179237R1000
1
Additional products and accessories
Protective cover 16-125 A, IP44/67
Material in EPDM Rubber
For inlet and plug
Type
Order code
Pack
qty
16 A, 2P+E
16 A, 3P+E
16 A, 3P+N+E
32 A, 2P+E and 3P+E
32 A, 3P+N+E
63 A, 2P+E, 3P+E and 3P+N+E
125 A, 2P+E, 3P+E and 3P+N+E
GP216 *
GP316 *
GP416 *
GP232/332
GP432 *
GP63 *
GP125 *
2CMA164993R1000
2CMA164994R1000
2CMA164995R1000
2CMA164996R1000
2CMA164997R1000
2CMA164998R1000
2CMA164999R1000
1
1
1
1
1
1
1
Cable tightening
To fit equipment type:
Inlet
Outlet
Type
Order code
Dimension
Pack
qty
2125BS...W
3125BS...W
4125BS...W
2125RS...W
3125RS...W
4125RS...W
CWT-1
2CMA170187R1000
Ø 22-48 mm
cable area
up to 70 mm2
1
Modular Combi plastic
Extra assembly friendly
CWT-2
2CMA144007R1000
Ø 15-40 mm
1
FL21 Multisize cable gland
CWT-3
2CMA199116R1000
1
Description
Order code
Pack qty
Tightening plug Pg 16 (Pr 22.5) *
2CMA178320R1000
10
Cable attachement clamp type AV *
2CMA178336R1000
10
Auxillary contact OA1G10 (normally open)
2CMA144690R1000
1
Auxillary contact OA1G01 (normally closed)
2CMA144691R1000
1
*) Indicates standard product.
Auxillary contacts for all switched socket outlets 16-125 A. Technical data according to IEC 609447-5-1. Ith 16 A.
Insulation voltage 690 V. Operational voltage (V) 230/400/690. Operational current (A) 6/4/2.
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com