전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 98 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 98 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 92Page - ABB 2CMA167166R1000 Datasheet HTML 93Page - ABB 2CMA167166R1000 Datasheet HTML 94Page - ABB 2CMA167166R1000 Datasheet HTML 95Page - ABB 2CMA167166R1000 Datasheet HTML 96Page - ABB 2CMA167166R1000 Datasheet HTML 97Page - ABB 2CMA167166R1000 Datasheet HTML 98Page - ABB 2CMA167166R1000 Datasheet HTML 99Page - ABB 2CMA167166R1000 Datasheet HTML 100Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
98 Industrial plugs and sockets | 2CMC700014C0008
ABB has extensive experience designing and producing
industrial plugs and sockets. High functionality, reliabil-
ity and safety are aspects valued by customers. The high
quality along with a robust design results in a range of
products that are ideal for heavy-duty applications.
On refrigerator (reefer) containers, industrial plugs and sockets are
tested to their extremes. On ships and in harbor terminals, power
loss spells disaster. Refrigerator ships are used to transport goods
that require temperature regulations, mainly food, in special contai-
ners. To meet with the strict demands of this application, powered
with 32 A, 440 V 50/60 Hz, ABB offers watertight (IP67) reefer
plugs and sockets, 3P+E products with earth sleeve in 3 o’clock
position, according to IEC/EN 60309-2.
The wide range of ABB contains plugs, connectors, outlets, inlets
as well as interlocked socket outlets and socket outlets with
residual current devices and miniature circuit breakers for this
application. These products are part of ABB´s Tough & Safe and
Critical & Safe product groups, all of them designed to be
corrosion, impact and UV resistant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com