전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 12 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 12 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB 2CMA167166R1000 Datasheet HTML 10Page - ABB 2CMA167166R1000 Datasheet HTML 11Page - ABB 2CMA167166R1000 Datasheet HTML 12Page - ABB 2CMA167166R1000 Datasheet HTML 13Page - ABB 2CMA167166R1000 Datasheet HTML 14Page - ABB 2CMA167166R1000 Datasheet HTML 15Page - ABB 2CMA167166R1000 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
12 Industrial plugs and sockets | 2CMC700014C0008
Surface socket outlet and inlet
Surface socket outlet 16 A, IP44 Splashproof
Enclosure in plastic (PA). Flexible membrane and metric threaded M20 insert for top cable
entry. Rear knock-out cable entry.Cable entry with compression gland. Cable area 1.5-4 mm2
Terminals/
Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
216RS6B
2CMA101021R1000
10
0.22
3
380-415
50 and 60
216RS9B
2CMA101052R1000
10
0.22
3P+E
4
380-415
50 and 60
316RS6B
2CMA101022R1000
10
0.24
4
200-250
50 and 60
316RS9B
2CMA101053R1000
10
0.24
3P+N+E
5
346-415
50 and 60
416RS6B
2CMA101023R1000
10
0.26
5
208-250
50 and 60
416RS9B
2CMA101054R1000
10
0.26
Surface socket outlet 32 A, IP44 Splashproof
Enclosure in plastic (PA). Flexible membrane and metric threaded M25 insert for top cable
entry. Rear knock-out cable entry.Cable entry with compression gland. Cable area 1.5-4 mm2
Terminals/
Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
232RS6B
2CMA101024R1000
10
0.30
3
380-415
50 and 60
232RS9B
2CMA101055R1000
10
0.30
3P+E
4
380-415
50 and 60
332RS6B
2CMA101025R1000
10
0.32
4
200-250
50 and 60
332RS9B
2CMA101056R1000
10
0.32
3P+N+E
5
346-415
50 and 60
432RS6B
2CMA101026R1000
10
0.34
5
208-250
50 and 60
432RS9B
2CMA101057R1000
10
0.34
Surface inlets 16 A, IP44 Splashproof
Enclosure in plastic (PA). Flexible membrane and metric threaded M20 insert for top cable
entry. Rear knock-out cable entry.Cable entry with compression gland. Cable area 1.5-4 mm2
Terminals/
Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
216BS6B
2CMA101027R1000
10
0.15
3
380-415
50 and 60
216BS9B
2CMA101058R1000
10
0.15
3P+E
4
380-415
50 and 60
316BS6B
2CMA101028R1000
10
0.19
4
200-250
50 and 60
316BS9B
2CMA101059R1000
10
0.19
3P+N+E
5
346-415
50 and 60
416BS6B
2CMA101029R1000
10
0.20
5
208-250
50 and 60
416BS9B
2CMA101060R1000
10
0.20
Surface inlets 32 A, IP44 Splashproof
Enclosure in plastic (PA). Flexible membrane and metric threaded M25 insert for top cable
entry. Rear knock-out cable entry.Cable entry with compression gland. Cable area 2.5-10 mm2
Terminals/
Voltage
Frequency
Type
Order Code
Pkg
Weight
Poles
V
Hz
qty
kg/ea
2P+E
3
200-250
50 and 60
232BS6B
2CMA101030R1000
10
0.25
3
380-415
50 and 60
232BS9B
2CMA101061R1000
10
0.25
3P+E
4
380-415
50 and 60
332BS6B
2CMA101031R1000
10
0.27
4
200-250
50 and 60
332BS9B
2CMA101062R1000
10
0.27
3P+N+E
5
346-415
50 and 60
432BS6B
2CMA101032R1000
10
0.29
5
208-250
50 and 60
432BS9B
2CMA101063R1000
10
0.29
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 85
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com