전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 23 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 23 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 19Page - ABB 2CMA167166R1000 Datasheet HTML 20Page - ABB 2CMA167166R1000 Datasheet HTML 21Page - ABB 2CMA167166R1000 Datasheet HTML 22Page - ABB 2CMA167166R1000 Datasheet HTML 23Page - ABB 2CMA167166R1000 Datasheet HTML 24Page - ABB 2CMA167166R1000 Datasheet HTML 25Page - ABB 2CMA167166R1000 Datasheet HTML 26Page - ABB 2CMA167166R1000 Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 23
63 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs
Ø 40+50 mm on top and drill marks on bottom. Cable area 6-25 mm2
125 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs Ø40+50 mm on top
and drill marks on bottom. Long phase sleeves and pilot sleeve. Cable area 16-70 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
263MVS1WH
2CMA162831R1000
1
3.50
3
n
Yellow
100-130
50 and 60
263MVS4WH
2CMA162827R1000
1
3.50
3
n Blue
200-250
50 and 60
263MVS6WH
2CMA162828R1000
1
3.50
3
n Red
380-415
50 and 60
263MVS9WH
2CMA162829R1000
1
3.50
3P+E
4
n Grey
AC
363MVS1WH
2CMA162841R1000
1
3.50
4
n Yellow
100-130
50 and 60
363MVS4WH
2CMA162834R1000
1
3.50
4
n Black
600-690
50 and 60
363MVS5WH
2CMA162835R1000
1
3.50
4
n Red
380-415
50 and 60
363MVS6WH
2CMA162836R1000
1
3.50
4
n Black
480-500
50 and 60
363MVS7WH
2CMA162837R1000
1
3.50
4
n Blue
200-250
50 and 60
363MVS9WH
2CMA162838R1000
1
3.50
4
n Red
440-460
60
363MVS11WH
2CMA162840R1000
1
3.50
3P+N+E
5
n Grey
AC
463MVS1WH
2CMA162849R1000
1
3.60
5
n Yellow
100-130
50 and 60
463MVS4WH
2CMA162844R1000
1
3.60
5
n Red
346-415
50 and 60
463MVS6WH
2CMA162845R1000
1
3.60
5
n Black
480-500
50 and 60
463MVS7WH
2CMA162846R1000
1
3.60
5
n Blue
208-250
50 and 60
463MVS9WH
2CMA162847R1000
1
3.60
5
n Red
440-460
60
463MVS11WH
2CMA162848R1000
1
3.60
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
2125MVS1WH
2CMA162740R1000
1
4.40
3
n
Yellow
100-130
50 and 60
2125MVS4WH
2CMA162738R1000
1
4.40
3
n Blue
200-250
50 and 60
2125MVS6WH *
2CMA162739R1000
1
4.40
3P+E
4
n Grey
AC
3125MVS1WH
2CMA162746R1000
1
4.40
4
n Yellow
100-130
50 and 60
3125MVS4WH
2CMA162741R1000
1
4.40
4
n Red
380-415
50 and 60
3125MVS6WH
2CMA162742R1000
1
4.40
4
n Black
480-500
50 and 60
3125MVS7WH
2CMA162743R1000
1
4.40
4
n Blue
200-250
50 and 60
3125MVS9WH
2CMA162744R1000
1
4.40
4
n Red
440-460
60
3125MVS11WH
2CMA162745R1000
1
4.40
3P+N+E
5
n Grey
AC
4125MVS1WH
2CMA162796R1000
1
4.50
5
n Yellow
100-130
50 and 60
4125MVS4WH
2CMA162791R1000
1
4.50
5
n Red
346-415
50 and 60
4125MVS6WH *
2CMA162792R1000
1
4.50
5
n Black
480-500
50 and 60
4125MVS7WH
2CMA162793R1000
1
4.50
5
n Blue
208-250
50 and 60
4125MVS9WH
2CMA162794R1000
1
4.50
5
n Red
440-460
60
4125MVS11WH
2CMA162795R1000
1
4.50
Switched interlocked socket outlets
Heavy duty
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 87
*) Indicates standard product.
- The switch handle is padlockable
(5-8 mm shackle).
- The switch insert can be equipped with
an auxiliary contact (see page 75).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com