전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 40 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 40 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 36Page - ABB 2CMA167166R1000 Datasheet HTML 37Page - ABB 2CMA167166R1000 Datasheet HTML 38Page - ABB 2CMA167166R1000 Datasheet HTML 39Page - ABB 2CMA167166R1000 Datasheet HTML 40Page - ABB 2CMA167166R1000 Datasheet HTML 41Page - ABB 2CMA167166R1000 Datasheet HTML 42Page - ABB 2CMA167166R1000 Datasheet HTML 43Page - ABB 2CMA167166R1000 Datasheet HTML 44Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
40 Industrial plugs and sockets | 2CMC700014C0008
Surface socket outlets
For looping
125 A, IP67 Watertight
Plastic enclosure (PBT). Cable entry with knock-outs 2xØ 50/25 mm.
Terminal block 2x(16-70 mm2). Outlet is connected to terminal block.
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
2125RL1W
2CMA168528R1000
1
4.00
3
n
Yellow
100-130
50 and 60
2125RL4W
2CMA168526R1000
1
4.00
3
n Blue
200-250
50 and 60
2125RL6W
2CMA168527R1000
1
4.00
3P+E
4
n Grey
AC
3125RL1W
2CMA168534R1000
1
4.10
4
n Yellow
100-130
50 and 60
3125RL4W
2CMA168529R1000
1
4.10
4
n Red
380-415
50 and 60
3125RL6W
2CMA168530R1000
1
4.10
4
n Black
480-500
50 and 60
3125RL7W
2CMA168531R1000
1
4.10
4
n Blue
200-250
50 and 60
3125RL9W
2CMA168532R1000
1
4.10
4
n Red
440-460
60
3125RL11W
2CMA168533R1000
1
4.10
3P+N+E
5
n Grey
AC
4125RL1W
2CMA168540R1000
1
4.25
5
n Yellow
100-130
50 and 60
4125RL4W
2CMA168535R1000
1
4.25
5
n Red
346-415
50 and 60
4125RL6W
2CMA168536R1000
1
4.25
5
n Black
480-500
50 and 60
4125RL7W
2CMA168537R1000
1
4.25
5
n Blue
208-250
50 and 60
4125RL9W
2CMA168538R1000
1
4.25
5
n Red
440-460
60
4125RL11W
2CMA168539R1000
1
4.25
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 85
- 2125 - 4125RL...W can be equipped with sealing up to 70 mm2.
- Cable clamps for Al available on request.
- RL...W have terminal block for 2 wire feeding under the same clamp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com