전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 62 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 62 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 58Page - ABB 2CMA167166R1000 Datasheet HTML 59Page - ABB 2CMA167166R1000 Datasheet HTML 60Page - ABB 2CMA167166R1000 Datasheet HTML 61Page - ABB 2CMA167166R1000 Datasheet HTML 62Page - ABB 2CMA167166R1000 Datasheet HTML 63Page - ABB 2CMA167166R1000 Datasheet HTML 64Page - ABB 2CMA167166R1000 Datasheet HTML 65Page - ABB 2CMA167166R1000 Datasheet HTML 66Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
62 Industrial plugs and sockets | 2CMC700014C0008
Modular Combi
Plastic
Operating voltage 230/400 V ~
Enclosure: Plastic (PBT)
Dimensions: According to table or customer order
Outlets:
Combi Plastic is designed for different types of single phase domestic
outlets and for IEC outlets up to and including 63 A. With or without
mechanical interlocked IEC outlets.
Cable entry: 4 knock-outs at the top, suitable for 2xØ 40 mm and 2xØ 25 mm
At the bottom 3xØ 47 mm
Cable area: 2x16 mm2 Cu. Designed for looping
Covers:
For MCB/RCD, maximum 13 modules, 2 opened and knock-outs for the
rest of the modules row. DIN-rail in bottom for terminals and MCB/RCDs.
With a distance at the bottom to allow wiring behind the rail. The lid is pad
lockable.
For 16 A, IP44 Splashproof
Socket outlet
RCD
30 mA
MCB
Type
Order code
Weight
kg/ea
Box size WxHxD: 250x170x160
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
-
-
-
-
MP16
2CMA168999R1000
1.7
Box size WxHxD: 250x300x160
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
-
-
1P
3P
MP16/1 *
2CMA168998R1000
2.0
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
-
-
1P
3P
MP16/1MS
2CMA168981R1000
2.6
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
yes
yes
-
3P
MPR16 *
2CMA168997R1000
2.3
Box size WxHxD: 250x430x160
4x10/16 A
IEC 60309, 3x16 A, 3P+N+E
-
-
2x1P
2x3P
MP16/3 *
2CMA168996R1000
3.1
4x10/16 A
IEC 60309, 3x16 A, 3P+N+E
yes
yes
2x3P
2x3P
MPR16/3
2CMA168995R1000
3.4
2x10/16 A
IEC 60309, 1x16 A, 3P+N+E
yes
yes
-
3P
MPR16MS
2CMA168980R1000
3.1
Box size WxHxD: 250x560x160
4x10/16 A
IEC 60309, 3x16 A, 3P+N+E
yes
yes
2x1P
2x3P
MPR16/3MS
2CMA168982R1000
4.7
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com