전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 96 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 96 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 92Page - ABB 2CMA167166R1000 Datasheet HTML 93Page - ABB 2CMA167166R1000 Datasheet HTML 94Page - ABB 2CMA167166R1000 Datasheet HTML 95Page - ABB 2CMA167166R1000 Datasheet HTML 96Page - ABB 2CMA167166R1000 Datasheet HTML 97Page - ABB 2CMA167166R1000 Datasheet HTML 98Page - ABB 2CMA167166R1000 Datasheet HTML 99Page - ABB 2CMA167166R1000 Datasheet HTML 100Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
96 Industrial plugs and sockets | 2CMC700014C0008
Explanation of type codes
Number of poles
2P+E
2
3P+E
3
3P+N+E
4
Ampere
16 A
16
32 A
32
63 A
63
125 A
125
Type
Plugs
P
Connectors
C
Surface socket-outlets
RS
Surface socket-outlets for looping
RL
Switched interlocked socket-outlets, horisontal
MHS
vertical
MVS
of metal
MM
with MCB
MPM
with RCD
MPR
Socket outlets
with MCB
RPM
with RCD
RPR
Socket outlets for panel mounting, minimized flange, straight
R
unified flange, straight
RU
minimized flange, angled
RAM
unified flange, angled
RAU
Surface inlets
BS
Inlets for panel mounting,
minimized flange, straight
B
unified flange, straight
BU
unified flange, angled
BAU
Three way adaptors
T
Site connection unit
A
Phase sequence testers
FP
Phase sequence changers
FV
Degree of protection
(blank) IP44, Splashproof
W
IP67, Watertight
WH
IP67, Watertight, Heavy Duty
Example: 416P6W
=
4
16
P
6
W
Other types
CUED
Socket outlets 16 and 32 A for wall
socket, splashproof
CIE
Inlets, with flange (FL13) on top
CPEF
Plugs with built-in sequence changer
CLF
Plugblocker
CUIT
Socket outlets for extra low voltage,
flush mounting, straight
CUIST
Socket outlets for extra low voltage,
flush mounting, angled
CUGT
Socket outlets for extra low voltage,
surface mounting
CIGT
Inlets for extra low voltage, surface
mounting
CST
Connectors for extra low voltage
CPT
Plugs for extra low voltage
BPC
Building site
UJ
Schuko-outlets, metal
GP
Cover
CUE 416-6+ Socket outlets 4-pole, 16 A, 6h with
R/UJP
Schuko 16 A
Standard voltages
Color codes according to IEC60309-1, -2
Position of earthing sleve according to
IEC 60309-2 (clock)
2P+earth
3P+earth
3P+N+earth
1 All operating voltages and/or currents
not stated below
 Optional voltage
(not stated below)
 Optional voltage
(not stated below)
 Optional voltage
(not stated below)
2 Aeronautics/airports, military
 >50 V >300-500 Hz 16 A, 32 A
 >50 V >300-500 Hz 16 A, 32 A
 >50 V >300-500 Hz 16 A, 32 A
3 3-phase only for cooling containers
(standardized by ISO)
 50-250 V DC
 380 V 50 Hz, 440 V 60 Hz
16 A, 32 A
 220/380 V 50 Hz, 250/440 V
60 Hz, 16 A, 32 A
4 For example in U.K.
 100-130 V 50/60 Hz
 100-130 V 50/60 Hz
 57/100-75/130 V
50/60 Hz
5 Wind power
 277 V 60 Hz
 600-690 V 50/60 Hz
 647/600-400/690 V
50/60 Hz
6 Most common voltages in
Western Europe
 200-250 V 50/60 Hz
 380-415 V 50/60 Hz
 200/346-240/415 V
50/60 Hz
7 Paper mills, steel plants, ship building
industry
 480-500 V 50/60 Hz
 480-500 V 50/60 Hz
 480-500 V 50/60 Hz
8
 >250 V DC
 Not used
 Not used
9 For example in Norway
 380-415 V 50/60 Hz
 200-250 V 50/60 Hz
10
 Not used
 >50 V >100-300 Hz
 Not used
11 Mainly for marine installations
 Not used
 440-460 V 60 Hz
12 Supply from isolating transformer
 Supply from isolating transformer
 Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com