전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 8 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 8 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 4Page - ABB 2CMA167166R1000 Datasheet HTML 5Page - ABB 2CMA167166R1000 Datasheet HTML 6Page - ABB 2CMA167166R1000 Datasheet HTML 7Page - ABB 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB 2CMA167166R1000 Datasheet HTML 10Page - ABB 2CMA167166R1000 Datasheet HTML 11Page - ABB 2CMA167166R1000 Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8 Industrial plugs and sockets | 2CMC700014C0008
Product overview
Easy & Safe
Without saving on quality, Easy & Safe is our basic range. The
products have an ergonomic design and are full of small practical
features. The plugs and connectors have a natural designed grip
that makes it easy to work with during connection. The com-
bined cable clamp/cable gland, where the strain relief is created
by tightening of the gland nut, has a locking mechanism that will
continuously apply pressure to the cable.
The installation is easy done due to the clear terminal marking.
After connecting the cables the housing is easily closed by a
twist. The plastic material PA is used to provide a device that
meets requirements of quality and safety.
For the user, small features are included such as a sealing/locking
feature to avoid accidental disconnection of for example a PA
system. A suspension function that enables the user to hang the
connector/plug that is not used on the wall or connect to a
flexible wire in the ceiling (drop feed).
Features
• IP44 Splashproof
• 16-32 A
• PA6 plastic material
• IEC 60 309-1, -2
• Superior grip
• Compact design
Application examples
• Light industry
• Construction sites
• Farms
• General equipment
Cable gland
tightening torque
Combination of hard and soft plastic
material - both fl exible and hard
Cable strip length
Prolonged earth
connection
Two earth terminal
screws
Clearly marked
terminals
Two earth terminal
screws
Cable strip
length
Clearly marked
terminals
Prolonged earth
connection
Tool grip
Connection seal
Suspension loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com