전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 33 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 33 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 29Page - ABB 2CMA167166R1000 Datasheet HTML 30Page - ABB 2CMA167166R1000 Datasheet HTML 31Page - ABB 2CMA167166R1000 Datasheet HTML 32Page - ABB 2CMA167166R1000 Datasheet HTML 33Page - ABB 2CMA167166R1000 Datasheet HTML 34Page - ABB 2CMA167166R1000 Datasheet HTML 35Page - ABB 2CMA167166R1000 Datasheet HTML 36Page - ABB 2CMA167166R1000 Datasheet HTML 37Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 33
Switched interlocked socket outlets
With protection
16 A, IP67 Watertight
Plastic enclosure (PBT). Contains RCD 25 A/0.03 A, type A.
Cable entry with knock-outs 2xØ 25 mm. Cable area 1.5-4 mm2
32 A, IP67 Watertight
Plastic enclosure (PBT). Contains RCD 40 A/0.03 A, type A.
Cable entry with knock-outs 2xØ 25 mm. Cable area 2.5-10 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
216MPR4W
2CMA168057R1000
1
1.74
3
n Blue
200-250
50 and 60
216MPR6W
2CMA168058R1000
1
1.74
3
n Grey
transf
50 and 60
216MPR12W
2CMA168060R1000
1
1.74
3P+E
4
n Yellow
100-130
50 and 60
316MPR4W
2CMA168064R1000
1
1.77
4
n Red
380-415
50 and 60
316MPR6W
2CMA168066R1000
1
1.77
4
n Blue
200-250
50 and 60
316MPR9W
2CMA168068R1000
1
1.77
3P+N+E
5
n Yellow
100-130
50 and 60
416MPR4W
2CMA168074R1000
1
1.79
5
n Red
346-415
50 and 60
416MPR6W
2CMA168075R1000
1
1.79
5
n Blue
208-250
50 and 60
416MPR9W
2CMA168077R1000
1
1.79
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n
Yellow
100-130
50 and 60
232MPR4W
2CMA168080R1000
1
1.80
3
n Blue
200-250
50 and 60
232MPR6W
2CMA168081R1000
1
1.80
3
n Grey
transf
50 and 60
232MPR12W
2CMA168083R1000
1
1.80
3P+E
4
n Yellow
100-130
50 and 60
332MPR4W
2CMA168087R1000
1
1.81
4
n Red
380-415
50 and 60
332MPR6W
2CMA168089R1000
1
1.81
4
n Blue
200-250
50 and 60
332MPR9W
2CMA168091R1000
1
1.81
3P+N+E
5
n Yellow
100-130
50 and 60
432MPR4W
2CMA168097R1000
1
1.83
5
n Red
346-415
50 and 60
432MPR6W
2CMA168098R1000
1
1.83
5
n Blue
208-250
50 and 60
432MPR9W
2CMA168100R1000
1
1.83
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 88
- The switch insert can be equipped with an auxiliary contact (see page 75).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com