전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 7 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 7 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 3Page - ABB 2CMA167166R1000 Datasheet HTML 4Page - ABB 2CMA167166R1000 Datasheet HTML 5Page - ABB 2CMA167166R1000 Datasheet HTML 6Page - ABB 2CMA167166R1000 Datasheet HTML 7Page - ABB 2CMA167166R1000 Datasheet HTML 8Page - ABB 2CMA167166R1000 Datasheet HTML 9Page - ABB 2CMA167166R1000 Datasheet HTML 10Page - ABB 2CMA167166R1000 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
2CMC700014C0008 | Industrial plugs and sockets 7
Product overview
Tough & Safe
Tough & Safe is the range for applications in environments
that have high demand of functionality and safety. The robust
housing is made of PBT plastic. The range Tough & Safe
is available as watertight (IP67, 16-125 A) and splashproof
(IP44, 63 A). The devices are equipped with internal and
external cable clamps. The 125 A devices are equipped with
two screws on each terminal.
Clear marking, at the front
and the rear of the terminals
Ground
Neutral N
Phase L1, L2, L3
Robust plastic housing that with-
stands most chemicals found in
industrial environments
Clean brass pins
Rear terminals, raised
lettering, identification
contacts
Two screws at each
terminal to assure safe and
reliable cable connection
Internal and external cable clamp
External screws made
of stainless steel
Watertight chloroprene
onion skin grommet
Type: 463P6W
Type:. 463C6W
Features
• IP67 Watertight or IP44 Splashproof
• 16-125 A, 50-690 VAC
• IEC 60 309-1, -2
• All external screws are made of stainless steel.
Application examples
• Industry/workshops
• Harbours/shipyards
• Mines
• Food & beverage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com