전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2CMA167166R1000 데이터시트(PDF) 16 Page - ABB

부품명 2CMA167166R1000
상세설명  Industrial plugs and sockets The complete range
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

2CMA167166R1000 데이터시트(HTML) 16 Page - ABB

Back Button 2CMA167166R1000 Datasheet HTML 12Page - ABB 2CMA167166R1000 Datasheet HTML 13Page - ABB 2CMA167166R1000 Datasheet HTML 14Page - ABB 2CMA167166R1000 Datasheet HTML 15Page - ABB 2CMA167166R1000 Datasheet HTML 16Page - ABB 2CMA167166R1000 Datasheet HTML 17Page - ABB 2CMA167166R1000 Datasheet HTML 18Page - ABB 2CMA167166R1000 Datasheet HTML 19Page - ABB 2CMA167166R1000 Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
16 Industrial plugs and sockets | 2CMC700014C0008
Plugs
63 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with compression gland, internal and external cable clamp.
Cable area 4-16 mm2
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
263P1W
2CMA166780R1000
1
0.95
3
n
Yellow
100-130
50 and 60
263P4W
2CMA166774R1000
1
0.95
3
n Blue
200-250
50 and 60
263P6W
2CMA166776R1000
1
0.95
3
n Red
380-415
50 and 60
263P9W
2CMA166778R1000
1
0.95
3P+E
4
n Grey
AC
363P1W
2CMA166794R1000
1
1.05
4
n Yellow
100-130
50 and 60
363P4W
2CMA166782R1000
1
1.05
4
n Black
600-690
50 and 60
363P5W
2CMA166784R1000
1
1.05
4
n Red
380-415
50 and 60
363P6W *
2CMA166786R1000
1
1.05
4
n Black
480-500
50 and 60
363P7W
2CMA166788R1000
1
1.05
4
n Blue
200-250
50 and 60
363P9W
2CMA166790R1000
1
1.05
4
n Red
440-460
60
363P11W
2CMA166792R1000
1
1.05
3P+N+E
5
n Grey
AC
463P1W
2CMA166806R1000
1
1.15
5
n Yellow
100-130
50 and 60
463P4W
2CMA166796R1000
1
1.15
5
n Red
346-415
50 and 60
463P6W *
2CMA166798R1000
1
1.15
5
n Black
480-500
50 and 60
463P7W
2CMA166800R1000
1
1.15
5
n Blue
208-250
50 and 60
463P9W
2CMA166802R1000
1
1.15
5
n Red
440-460
60
463P11W
2CMA166804R1000
1
1.15
Terminals/
poles
Color
code
Voltage
V
Frequency
Hz
Type
Order code
Pack
Weight
kg/ea
2P+E
3
n Grey
AC
2125P1W
2CMA166812R1000
1
1.32
3
n
Yellow
100-130
50 and 60
2125P4W
2CMA166808R1000
1
1.32
3
n Blue
200-250
50 and 60
2125P6W
2CMA166810R1000
1
1.32
3P+E
4
n Grey
AC
3125P1W
2CMA166824R1000
1
1.43
4
n Yellow
100-130
50 and 60
3125P4W
2CMA166814R1000
1
1.43
4
n Black
600-690
50 and 60
3125P5W
2CMA166815R1000
1
1.43
4
n Red
380-415
50 and 60
3125P6W *
2CMA166816R1000
1
1.43
4
n Black
480-500
50 and 60
3125P7W
2CMA166818R1000
1
1.43
4
n Blue
200-250
50 and 60
3125P9W
2CMA166820R1000
1
1.43
4
n Red
440-460
60
3125P11W
2CMA166822R1000
1
1.43
3P+N+E
5
n Grey
AC
4125P1W
2CMA166836R1000
1
1.54
5
n Yellow
100-130
50 and 60
4125P4W
2CMA166826R1000
1
1.54
5
n Red
346-415
50 and 60
4125P6W *
2CMA166828R1000
1
1.54
5
n Black
480-500
50 and 60
4125P7W
2CMA166830R1000
1
1.54
5
n Blue
208-250
50 and 60
4125P9W
2CMA166832R1000
1
1.54
5
n Red
440-460
60
4125P11W
2CMA166834R1000
1
1.54
125 A, IP67 Watertight
Plastic enclosure (PBT)
Cable entry with compression gland, internal and external cable clamp.
Cable area 16-50 mm2
• Accessories ............page 70
• Technical data.........page 83
• Dimensions.............page 84
*) Indicates standard product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com